PART |
Description |
Maker |
SFG08E200F SFG10S200F SFG10S600F SFG10S400F |
Voltage 200V ~ 600V 8.0 Amp Super Fast Recovery Rectifier
|
SeCoS Halbleitertechnologie GmbH
|
GBL210 GBL208 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified.
|
乐山无线电股份有限公
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
ES1D-T |
1A, 200V - 600V Surface Mount Super Fast Rectifiers
|
Taiwan Semiconductor Co...
|
TC1410N C1410COA C1410COA713 C1410CPA C1410CUA C14 |
The TC1410/1410N are 0.5V CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. ... The TC1410/1410N are 0.5V CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. T 0.5A High-Speed MOSFET Drivers
|
http:// MICROCHIP[Microchip Technology]
|
EABS1D EABS1G EABS1J |
1A, 200V - 600V Miniature Ultrafast Glass Passivated Bridge Rectifiers
|
Taiwan Semiconductor Co...
|
D5290E |
High voltage ratings up to 3000V
|
Nell Semiconductor Co.,...
|
D2500D |
High voltage ratings up to 2500V
|
Nell Semiconductor Co.,...
|
D3000D |
High voltage ratings up to 2500V
|
Nell Semiconductor Co.,...
|
RURG1540CC RURG1560CC FN3548 |
15A, 200V ULTRAFAST DUAL DIODE From old datasheet system 15A, 400V - 600V Ultrafast Dual Diodes 15A 200V Ultrafast Dual Diode 15A/ 200V Ultrafast Dual Diode
|
INTERSIL[Intersil Corporation]
|
D20SB80 D20SB60 D20SB10 D20SB100 D20SB20 D20SB40 |
Maximum Ratings & Thermal Characteristics Ratings at 25?/a> ambient temperature unless otherwise specified. Maximum Ratings & Thermal Characteristics Ratings at 25∩ ambient temperature unless otherwise specified.
|
LRC[Leshan Radio Company]
|
DXTP03200BP5 DXTP03200BP5-13 DXTP03200BP5-15 |
200V PNP HIGH VOLTAGE TRANSISTOR PowerDI垄莽5 200V PNP HIGH VOLTAGE TRANSISTOR PowerDI?5
|
Diodes Incorporated
|